Part Number Hot Search : 
00DIB 24128 BSS50A 12N15 PJSD05 D1546 R1020 MPC980
Product Description
Full Text Search
 

To Download P12008N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dvi to vga adapter cable (dvi-i dual link to hd15 m/f), 8-in. model number: p120-08n description tripp lite's p120-08n dvi to vga adapter cable allows you to attach a vga enabled monitor or projector to your computers dvi-i port. dvi-i enabled computers are capable of outputting both analog and digital signals, so this adapter cable is perfect for connecting vga lcd monitors, projectors, etc. fully molded construction and double-shielding ensures long life and high performance. supports computer video resolutions up to 1920 x 1200, and hd video resolutions up to 1920 x 1080 (1080p). features connect a vga monitor to your computer's dvi-i port double shielded and fully molded construction supports computer video resolutions up to 1920 x 1200, and hd video resolutions up to 1920 x 1080 (1080p) specifications overview chromebook compatible no display style adapter model type dvi cable types dvi input cable length (ft.) 0.7 cable length (m) 0.20 cable length (in.) 8 highlights converts a dvi-i dual link signal to a vga female connection fully shielded and molded construction supports computer video resolutions up to 1920 x 1200, and hd video resolutions up to 1920 x 1080 (1080p) system requirements dvi-i enabled computer (supports both analog and digital) package includes 8-in. dvi-i dual link male to vga female adapter cable 1 / 2
physical color black connections connector a dvi-i dual link (male) connector b hd15 (female) warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of P12008N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X